Part Number Hot Search : 
2SJ554 LA5618 DS2117M 5C6V2 KP2311K 2N7002K TDA6170 2SJ530
Product Description
Full Text Search
 

To Download BZX55C11BS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55C-BS SERIES 4.7V to 36V
SILICON PLANAR ZENER DIODE
FEATURES
* Zener Voltage Range 4.7 to 36 Volts * DO-35 Glass Axial Package * Best Suited For Industrial, Military and Space Applications. * The Glass Passivated Diode Chip in The Hermetically Sealed Glass Package with Double Studs Provides Excellent Stability and Reliability.
DO-35
.022 (0.55) DIA. .007 (0.46) 1.50 (38.1) 1.00 (25.4)
.200 (5.08) .120 (3.05) .089 (2.28) DIA. .060 (1.53)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
1.50 (38.1) 1.00 (25.4)
Dimensions in inches and (millimeters) ABSOLUTE MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) RATINGS Power Dissipation (Note 1) Surge Power Dissipation Pulse Width =10 mS Junction Temperature Storage Temperature THERMAL RESISTANCE ( @ TA = 25 C unless otherwise noted ) DESCRIPTION Thermal Resistance Junction to Ambient (Note 1) SYMBOL R qJA TYP. 300 UNITS
o o
SYMBOL PTA PS TJ TSTG
VALUE 500 5.0 175 -65 to +175
UNITS mW W
o o
C C
C/W
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Forward Voltage at IF= 100mA Notes: 1. On infinite heatsink with 4mm lead length. 2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)". SYMBOL VF TYP. 1.0 UNITS Volts VD 2007-11
ELECTRICAL CHARACTERISTICS
VZT @IZT TYPE MIN BZX55C 4.7BS BZX55C 4.7BSA BZX55C 4.7BSB BZX55C 4.7BSC BZX55C 5.1BS BZX55C 5.1BSA BZX55C 5.1BSB BZX55C 5.1BSC BZX55C 5.6BS BZX55C 5.6BSA BZX55C 5.6BSB BZX55C 5.6BSC BZX55C 6.2BS BZX55C 6.2BSA BZX55C 6.2BSB BZX55C 6.2BSC BZX55C 6.8BS BZX55C 6.8BSA BZX55C 6.8BSB BZX55C 6.8BSC BZX55C 7.5BS BZX55C 7.5BSA BZX55C 7.5BSB BZX55C 7.5BSC BZX55C 8.2BS BZX55C 8.2BSA BZX55C 8.2BSB BZX55C 8.2BSC BZX55C 9.1BS BZX55C 9.1BSA BZX55C 9.1BSB BZX55C 9.1BSC BZX55C 10BS BZX55C 10BSA BZX55C 10BSB BZX55C 10BSC BZX55C 11BS BZX55C 11BSA BZX55C 11BSB BZX55C 11BSC 4.47 4.47 4.59 4.71 4.85 4.85 4.97 5.12 5.29 5.29 5.46 5.64 5.81 5.81 5.99 6.16 6.32 6.32 6.52 6.70 6.88 6.88 7.11 7.33 7.56 7.56 7.82 8.07 8.33 8.33 8.61 8.89 9.19 9.19 9.48 9.82 10.18 10.18 10.50 10.82 (V) (NOTE) MAX 4.91 4.65 4.77 4.91 5.35 5.03 5.18 5.35 5.88 5.52 5.70 5.88 6.40 6.06 6.24 6.40 6.97 6.59 6.79 6.97 7.64 7.19 7.41 7.64 8.41 7.90 8.15 8.41 9.29 8.70 8.99 9.29 10.30 9.59 9.90 10.30 11.26 10.36 10.95 11.26 20 20 25 30 40 70 100 RZT @IZT (W) MAX (NOTE)
(@TA=25 C unless otherwise specified)
O
IZT ( mA )
IR @TA =25OC ( uA ) MAX
VR (V)
MARKING
4V7 5.0 5.0 1.0 4V7A 4V7B 4V7C 5V1 5.0 5.0 1.5 5V1A 5V1B 5V1C 5V6 5.0 5.0 2.5 5V6A 5V6B 5V6C 6V2 5.0 5.0 3.0 6V2A 6V2B 6V2C 6V8 5.0 2.0 3.5 6V8A 6V8B 6V8C 7V5 7V5A 7V5B 7V5C 8V2 5.0 0.5 5.0 8V2A 8V2B 8V2C 9V1 9V1A 9V1B 9V1C 10V 5.0 0.2 7.0 10VA 10VB 10CV 11V 11VA 11VB 11VC
25
5.0
0.5
4.0
20
5.0
0.5
6.0
20
5.0
0.2
8.0
ELECTRICAL CHARACTERISTICS
VZT @IZT TYPE MIN BZX55C 12BS BZX55C 12BSA BZX55C 12BSB BZX55C 12BSC BZX55C 13BS BZX55C 13BSA BZX55C 13BSB BZX55C 13BSC BZX55C 15BS BZX55C 15BSA BZX55C 15BSB BZX55C 15BSC BZX55C 16BS BZX55C 16BSA BZX55C 16BSB BZX55C 16BSC BZX55C 18BS BZX55C 18BSA BZX55C 18BSB BZX55C 18BSC BZX55C 20BS BZX55C 20BSA BZX55C 20BSB BZX55C 20BSC BZX55C 22BS BZX55C 22BSA BZX55C 22BSB BZX55C 22BSC BZX55C 22BSD BZX55C 24BS BZX55C 24BSA BZX55C 24BSB BZX55C 24BSC BZX55C 24BSD BZX55C 27BS BZX55C 27BSA BZX55C 27BSB BZX55C 27BSC BZX55C 27BSD 11.13 11.13 11.50 11.80 12.18 12.18 12.59 13.03 13.48 13.48 13.95 14.42 14.87 14.87 15.33 15.79 16.34 16.34 16.90 17.51 18.14 18.14 18.80 19.52 20.23 20.23 20.76 21.22 21.68 22.26 22.26 22.75 23.29 23.81 24.26 24.26 24.97 25.63 26.29 (V) (NOTE) MAX 12.30 11.63 11.92 12.30 13.62 12.71 13.16 13.62 15.02 14.09 14.56 15.02 16.50 15.50 15.96 16.50 18.30 17.06 17.67 18.30 20.45 18.96 19.68 20.45 22.61 21.08 21.65 22.09 22.61 24.81 23.12 23.73 24.72 24.81 27.64 25.52 26.26 26.95 27.64 80 80 55 50 30 25 RZT @IZT (W) MAX (NOTE)
(@TA=25 C unless otherwise specified)
O
IZT ( mA )
IR @TA =25OC ( uA ) MAX
VR (V)
MARKING
12V 5.0 0.2 9.0 12VA 12VB 12VC 13V 13VA 13VB 13VC 15V 5.0 0.2 11 15VA 15VB 15VC 16V 16VA 16VB 16VC 18V 5.0 0.2 13 18VA 18VB 18VC 20V 20VA 20VB 20VB 22VV 22VA 5.0 0.2 17 22VB 22VC 22VD 24V 24VA 5.0 0.2 19 24VB 24VC 24VD 27V 27VA 5.0 0.2 21 27VB 27VC 27VD
26
5.0
0.2
10
40
5.0
0.2
12
55
5.0
0.2
15
ELECTRICAL CHARACTERISTICS
VZT @IZT TYPE MIN BZX55C 30BS BZX55C 30BSA BZX55C 30BSB BZX55C 30BSC BZX55C 30BSD BZX55C 33BS BZX55C 33BSA BZX55C 33BSB BZX55C 33BSC BZX55C 33BSD BZX55C 36BS BZX55C 36BSA BZX55C 36BSB BZX55C 36BSC BZX55C 36BSD 26.99 26.99 27.70 28.36 29.02 29.68 29.68 30.32 30.90 31.49 32.14 32.14 32.79 33.40 34.01 (V) (NOTE) MAX 30.51 28.39 29.13 29.82 30.51 33.11 31.22 31.88 32.50 33.11 35.77 33.79 34.49 35.13 35.77 80 80 80 RZT @IZT (W) MAX (NOTE)
(@TA=25 C unless otherwise specified)
O
IZT ( mA )
IR @TA =25OC ( uA ) MAX
VR (V)
MARKING
30V 30VA 5.0 0.2 23 30VB 30VC 30VD 33V 33VA 5.0 0.2 25 33VB 33VC 33VD 36V 36VA 5.0 0.2 27 36VB 36VC 36VD
NOTE: Pulse Condition : 20mS < tp < 50mS, Duty Cycle < 2%.
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of BZX55C11BS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X